Part Number Hot Search : 
AD812 BZY97C10 WM5620L UZ5211 AD812 BD4148SE IXTA1 E1A22
Product Description
Full Text Search
 

To Download BZW04-17 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel: 760-564-8656 * Fax: 760-564-2414 1-800-831-4881 Email: sales@mdesemicondutor.com Web: www.mdesemiconductor.com
BZW04 SERIES
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 TO 376 Volts 400 Watt Peak Pulse Power
FEATURES
* Plastic package has Underwriters Laboratory Flammability Classification 94 V-O * Glass passivated chip junction in DO-41 package * 400W surge capability at 1ms * Excellent clamping capability * Low zener impedance * Low incremental surge resistance * Excellent clamping capability * Fast response time: typically less than 1.0 ps from 0 volts to BV min * Typical IR less than 1A above 10V * High temperature soldering guaranteed: 300C/10 seconds/ .375", (9.5mm) lead length, 5lbs., (2.3kg) tension
MECHANICAL DATA
Case: JEDEC DO-41 Molded plastic Terminals: Axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denoted positive end (cathode) except Bipolar Mounting Position: Any Weight: 0.012 ounces, 0.3 grams
Dimensions in inches (millimeters)
DEVICES FOR BIPOLAR APPLICATIONS
For Bidirectional use C or CA Suffix for types BZW-04-5V8 thru types BZW04-376 (e.g. BZW04-5V8B, BZW04-376B) Electrical characteristics apply in both directions.
MAXIMUM RATINGS AND CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For Capacitive load, derate current by 20%
RATING
Peak Pulse Power Dissipation at TA = 25 C, TP = 1ms
(NOTE 1)
SYMBOL PPPM
Ippm Lead
VALUE
Minimum 400 SEE TABLE 1 1.0 40 -55 +175
UNITS
Watts Amps Watts Amps C
Peak Pulse Current of on 10/1000 s waveform (Note 1) Steady State Power Dissipation at TL = 75C lengths .375", 9.5mm (Note 2) Peak Forward Surge Current, 8.3ms Single Half Sine-wave Superimposed on Rated Load, (JEDEC Method)(Note 3) Operatings and Storage Temperature Range
NOTES:
PM(AV) IFSM
TJ, TSTG
1. Non-repetitive current pulse, per Fig.3 and derated above Ta=25 C per Fig.2. 2. Mounted on Copper Pad area of 1.6x1.6" (40x40mm) per Fig.5. 3. 8.3ms single half sine-wave, or equivalent square wave, Duty cycle=4 pulses per minutes maximum.
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel: 760-564-8656 * Fax: 760-564-2414 1-800-831-4881 Email: sales@mdesemicondutor.com Web: www.mdesemiconductor.com
RATINGS AND CHARACTERISTIC CURVES BZW04 SERIES
Ratings and Characteristic Curves(TA=25 unless otherwise noted)
PPPM-Peak Pulse Power (KW)
100
Non-repetitive Pulse Waveform shown in Fig. 3
10
Peak Pulse Power (PPP) or Current (IPPM) Derating in Percentage,%
Fig. 1 - Peak Pulse Power
100
Fig.2 - Pulse Derating Curve
75
50
1
25
0.1
0
0.1
1.0
10s
100s
1.0m
10m
0
25
50
75
100
125
150
175
200
td - Pulse Width IPPM - Peak Pulse Current, % IRSM
150
TA - Ambient Temperature (C) Fig.4 - Typ.Junction Capacitance Uni-Directional
Fig.3 - Pulse Waveform
tr = 10sec.
Peak Value IPPM Half ValueIPPM 2 TJ = 25C Pulse Width(td)is defined as the point where the peak current decays to 50% of I PPM
10000
100
CJ - Junction Capacitance
TJ = 25C f = 1.0MHZ Vsig = 50mVp-p Measured at Zero Bias
1000
50
10/1000sec.Waveform as defined by R.E.A.
100
td
0 1.0 2.03. t - Time(ms) 3
0
4.0
4.0
Measured at Stand-Off Voltage, VWM
10
1000
1.0
100
200
Fig.5 - steady State Power Derating
1.00
VWM
- Reverse Stand-Off Voltage (V)
PM(AV ),Steady State Power Dissipation (W)
0.88 0.75 0.63 0.50 0.38 0.25 0.13 0.00
L=0.375" (9.5mm) Lead Lengths
60 HZ Resistive or Inductive Load 200
Fig.6 - Maximum Non-Repetitive Forward Surge Current Uni-Directional Only
TJ = TJ max. 8.3ms Single Half SineWave
IFSM - Peak Forward Surge Current (A)
0.6 0.8 1 1.2
100
50
1.6x1.6x.040" (40x40x1mm) Copper Heat Sinks
0
0
0.2
0.4
10 0 0.2 0.4 0.6 0.8 1 1.2
TL - Lead Temperature Fig.7 - Typical Reverse Leakage Characteristics
100
Number of Cycles at 60 Hz Fig. 8 - Typ.Transient Thermal Impedance
100
ID - Instantaneous Reverse Leakage Current (A)
10
Measured at Devices Stand-off Voltage,V WM TA = 25C
1
Transient Thermal Impedance (C/W)
10
0.1
0.01
0
0.2
0.4
0.6
0.8
1
1.2
1 0 0.2 0.4 0.6 0.8 1 1.2
V(BR) - Breakdown Voltage (V)
tp-Pulse Duration (sec)
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel: 760-564-8656 * Fax: 760-564-2414 1-800-831-4881 Email: sales@mdesemicondutor.com Web: www.mdesemiconductor.com
400 Watt TVS
BZW04
UNI- POLAR BI-POLAR MAXIMUM REVERSE BREAKDOWN BREAKDOWN TEST VOLTAGE STANDVOLTAGE CURRENT CLAMPING VOLTAGE OFF VBR(V) VBR(V) IT (mA) @Ipp Vc(V) VOLTAGE MIN.@IT MAX.@IT VRWM(V)
10.0 10.0 10.0 10.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 10.5 10.5 11.3 11.3 12.1 12.1 13.4 13.4 14.5 14.5 15.6 15.6 16.7 16.7 18.2 18.2 21.2 21.2 22.5 22.5 25.2 25.2 27.7 27.7 30.6 30.6 33.2 33.2 37.5 37.5 41.5 41.5 45.7 45.7 49.9 49.9 53.9 53.9 59.3 59.3 64.8 64.8 70.1 70.1
PEAK PULSE CURRENT Ipp (A)
REVERSE LEAKAGE @ VRWM IR(A)
900 900 500 500 200 200 50 50 10.0 10.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
BZW 04P5V8 BZW 04P5V8B 5.80 6.45 7.48 BZW 04-5V8 BZW 04-5V8B 5.90 6.45 7.14 BZW 04P6V4 BZW 04P6V4B 6.40 7.13 8.25 BZW 04-6V4 BZW 04-6V4B 6.40 7.13 7.88 BZW 04P7V0 BZW 04P7V0B 7.02 7.79 9.02 BZW 04-7V0 BZW 04-7V0B 7.02 7.79 8.61 BZW 04P7V8 BZW 04P7V8B 7.78 8.65 10.00 BZW 04-7V8 BZW 04-7V8B 7.78 8.65 9.55 BZW 04P8V5 BZW 04P8V5B 8.55 9.50 11.00 BZW04-8V5 BZW04-8V5B 8.55 9.50 10.50 BZW 04P9V4 BZW 04P9V4B 9.40 10.50 12.10 BZW 04-9V4 BZW 04-9V4B 9.40 10.50 11.60 BZW 04P10 BZW 04P10B 10.20 11.40 13.20 BZW 04-10 BZW 04-10B 10.20 11.40 12.60 BZW 04P11 BZW 04P11B 11.10 12.40 14.30 BZW 04-11 BZW 04-11B 11.10 12.40 13.70 BZW 04P13 BZW 04P13B 12.80 14.30 16.50 BZW 04-13 BZW 04-13B 12.80 14.30 15.80 BZW 04P14 BZW 04P14B 13.60 15.20 17.60 BZW 04-14 BZW 04-14B 13.60 15.20 16.80 BZW 04P15 BZW 04P15B 15.30 17.10 19.80 BZW 04-15 BZW 04-15B 15.30 17.10 18.90 BZW 04P17 BZW 04P17B 17.10 19.00 22.00 BZW 04-17 BZW 04-17B 17.10 19.00 21.00 BZW 04P19 BZW 04P19B 18.80 20.90 24.20 BZW 04-19 BZW 04-19B 18.80 20.90 23.10 BZW 04P20 BZW 04P20B 20.50 22.80 26.40 BZW 04-20 BZW 04-20B 20.50 22.80 25.20 BZW 04P23 BZW 04P23B 23.10 25.70 29.70 BZW 04-23 BZW 04-23B 23.10 25.70 28.40 BZW 04P26 BZW 04P26B 26.50 28.50 33.00 BZW 04-26 BZW 04-26B 26.50 28.50 31.50 BZW 04 P28 BZW 04P28B 28.20 31.40 36.30 BZW 04-28 BZW 04-28B 28.20 31.40 34.70 BZW 04P31 BZW 04P31B 30.80 34.20 39.60 BZW 04-31 BZW 04-31B 30.80 34.20 37.80 BZW 04P33 BZW 04P33B 33.35 37.10 42.90 BZW 04-33 BZW 04-33B 33.35 37.10 41.00 BZW 04P37 BZW 04P37B 36.80 40.90 47.30 BZW 04-37 BZW 04-37B 36.80 40.90 45.20 BZW 04P40 BZW 04P40B 40.20 44.70 51.70 BZW 04-40 BZW 04-40B 40.20 44.70 49.40 BZW 04P44 BZW 04P44B 43.60 48.50 56.10 BZW 04-44 BZW 04-44B 43.60 48.50 53.60 For bidirectional type having Vrwm of 10 volts and less, the IR limit is double. For Part No. which use the character "p" , the VBR is 10% Certified RoHS Compliant UL File # E223026
38.00 38.00 35.00 35.00 33.00 33.00 30.00 30.00 28.00 28.00 25.70 25.70 24.00 24.00 22.00 22.00 19.00 19.00 17.80 17.80 16.00 16.00 14.50 14.50 13.00 13.00 12.00 12.00 10.70 10.70 9.60 9.60 8.80 8.80 8.00 8.00 7.40 7.40 6.70 6.70 6.20 6.20 5.70 5.70
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel: 760-564-8656 * Fax: 760-564-2414 1-800-831-4881 Email: sales@mdesemicondutor.com Web: www.mdesemiconductor.com
400 Watt TVS
BZW04
UNI- POLAR BI-POLAR MAXIMUM REVERSE BREAKDOWN BREAKDOWN TEST VOLTAGE STANDVOLTAGE CURRENT CLAMPING VOLTAGE OFF VBR(V) VBR(V) IT (mA) @Ipp Vc(V) VOLTAGE MIN.@IT MAX.@IT VRWM(V)
1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 77.0 77.0 85.0 85.0 92.0 92.0 103.0 103.0 113.0 113.0 125.0 125.0 137.0 137.0 152.0 152.0 165.0 165.0 179.0 179.0 207.0 207.0 219.0 219.0 234.0 234.0 246.0 246.0 274.0 274.0 301.0 301.0 344.0 344.0 384.0 384.0 414.0 414.0 438.0 438.0 482.0 482.0 548.0 548.0 603.0 603.0
PEAK PULSE CURRENT Ipp (A)
5.20 5.20 4.70 4.70 4.30 4.30 3.90 3.90 3.50 3.50 3.20 3.20 2.90 2.90 2.60 2.60 2.40 2.40 2.20 2.20 2.00 2.00 1.80 1.80 1.70 1.70 1.60 1.60 1.50 1.50 1.40 1.40 1.50 1.50 1.50 1.50 1.20 1.20 1.20 1.20 0.90 0.90 0.90 0.90 0.80 0.80
REVERSE LEAKAGE @ VRWM IR(A)
5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
BZW 04P48 BZW 04P48B 47.80 53.20 61.60 BZW 04-48 BZW 04-48B 47.80 53.20 58.80 BZW 04P53 BZW 04P53B 53.00 58.90 68.20 BZW 04-53 BZW 04-53B 53.00 58.90 65.10 BZW 04P58 BZW 04P58B 58.10 64.60 74.80 BZW 04-58 BZW 04-58B 58.10 64.60 71.40 BZW 04P64 BZW 04P64B 64.10 71.30 82.50 BZW 04-64 BZW 04-64B 64.10 71.30 78.80 BZW 04P70 BZW 04P70B 70.10 77.90 90.20 BZW 04-70 BZW 04-70B 70.10 77.90 86.10 BZW 04P78 BZW 04P78B 78.00 86.50 100.00 BZW 04-78 BZW 04-78B 78.00 86.50 95.50 BZW 04P85 BZW 04P85B 85.80 95.00 110.00 BZW 04-85 BZW 04-85B 85.50 95.00 105.00 BZW 04P94 BZW 04P94B 94.00 105.00 121.00 BZW 04-94 BZW 04-94B 94.00 105.00 116.00 BZW 04P102 BZW 04P102B 102.00 114.00 132.00 BZW 04-102 BZW 04-102B 102.00 114.00 126.00 BZW 04P110 BZW 04P110B 111.00 124.00 143.00 BZW 04-110 BZW 04-110B 111.00 124.00 137.00 BZW 04P128 BZW 04P128B 128.00 143.00 165.00 BZW 04-128 BZW 04-128B 128.00 143.00 158.00 BZW 04P136 BZW 04P136B 136.00 152.00 176.00 BZW 04-136 BZW 04-136B 136.00 152.00 168.00 BZW 04P145 BZW 04P145B 145.00 161.00 187.00 BZW 04-145 BZW 04-145B 145.00 161.00 179.00 BZW 04P154 BZW 04P154B 154.00 171.00 198.00 BZW 04-154 BZW 04-154B 154.00 171.00 189.00 BZW 04P171 BZW 04P171B 171.00 190.00 220.00 BZW 04-171 BZW 04-171B 171.00 190.00 210.00 BZW 04P188 BZW 04P188B 188.00 209.00 242.00 BZW 04-188 BZW 04-188B 188.00 209.00 231.00 BZW 04P213 BZW 04P213B 213.00 237.00 275.00 BZW 04-213 BZW 04-213B 213.00 237.00 263.00 BZW 04P239 BZW 04P239B 239.00 266.00 308.00 BZW 04-239 BZW 04-239B 239.00 266.00 294.00 BZW 04P256 BZW 04P256B 256.00 285.00 330.00 BZW 04-256 BZW 04-256B 256.00 285.00 315.00 BZW 04P273 BZW 04P273B 273.00 304.00 352.00 BZW 04-273 BZW 04-273B 273.00 304.00 336.00 BZW 04P299 BZW 04P299B 299.00 332.00 385.00 BZW 04-299 BZW 04-299B 299.00 332.00 368.00 BZW 04P342 BZW 04P342B 342.00 380.00 440.00 BZW 04-342 BZW 04-342B 342.00 380.00 420.00 BZW 04P376 BZW 04P376B 376.00 418.00 484.00 BZW 04-376 BZW 04-376B 376.00 418.00 462.00 For bidirectional type having Vrwm of 10 volts and less, the IR limit is double. For Part No. which use the character "p" , the VBR is + 10% Certified RoHS Compliant UL File # E223026


▲Up To Search▲   

 
Price & Availability of BZW04-17

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X